Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRPS Datasheet (PDF) - Littelfuse

HRPS Datasheet PDF - Littelfuse
Part # HRPS
Download  HRPS Download
File Size   573.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Break

HRPS Datasheet (PDF)

Go To PDF Page Download Datasheet
HRPS Datasheet PDF - Littelfuse

Part # HRPS
Download  HRPS Click to download

File Size   573.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Break

HRPS Datasheet (HTML) - Littelfuse


HRPS Product details

Description
The HRPS/HRIS Series combines an electromechanical relay
output with microcontroller timing circuitry. It is a factory
programmed module available in any 1 of 13 standard functions.
It offers 12 to 240V operation in two universal ranges and factory
fixed, onboard, or external adjustable time delays with a repeat
accuracy of ±0.5%. The output contact rating allows for direct
operation of heavy loads, such as compressors, pumps, blower
motors, heaters, etc. This series is ideal for OEM applications
where cost is a factor. The HRPS has non-isolated SPDT relay
contacts, and the HRIS has isolated SPDT relay contacts. Both
offer the most popular timer functions in the industry.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output (relay or solid state) energizes during the time delay. At
the end of time delay the output de-energizes and remains
de-energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5% ,
factory calibration +/- 2%
Compact design Allows flexiblility for OEM applications
30A, SPDT, Normally
Open output contacts Allows for direct operation of heavy loads
Encapsulated Protects against shock, vibration, and humidity




Similar Part No. - HRPS

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
HRPS APEX-ELECTRONICS-HRPS Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS0002 APEX-ELECTRONICS-HRPS0002 Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS0012 APEX-ELECTRONICS-HRPS0012 Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS00A APEX-ELECTRONICS-HRPS00A Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS00B APEX-ELECTRONICS-HRPS00B Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
More results


Similar Description - HRPS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com