Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM Datasheet (PDF) - Littelfuse

MSM Datasheet PDF - Littelfuse
Part # MSM
Download  MSM Download
File Size   177.08 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Make

MSM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM Datasheet PDF - Littelfuse

Part # MSM
Download  MSM Click to download

File Size   177.08 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Make

MSM Datasheet (HTML) - Littelfuse


MSM Product details

Description
The MSM Series replaces bi-metal type timing with reliable
solid-state circuitry. There are no moving parts to arc or wear.
It is a cost effective solution for OEM designers. It is available
for printed circuit board mounting or surface mounting with
a removable bracket and wire leads. The MSM Series offers
immediate reset on removal of power.
Operation (Delay-on-Make)
The time delay begins upon application of input voltage. The
output is de-energized before and during the time delay. At
the end of the time delay, the output energizes and remains
energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.

FEATURES BENEFITS
Analog circuitry Repeat Accuracy + / - 5%,
Factory calibration + / - 15%
Compact, low
cost design Allows flexiblility for OEM applications
Long life No moving parts to arc or wear
PCB or wire harness Offers design and installation flexibility
Immediate reset Occurs on removal of power
Totally Encapsulated Protects against shock, vibration and humidity




Similar Part No. - MSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
logo
StarHope
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
Protection cover for MSM 19 and MSM 22
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
Surface Mount Low Pass Filters
logo
PIC GmbH
MSM-2210M PIC-MSM-2210M Datasheet
59Kb / 1P
Threaded Magnet M10
More results


Similar Description - MSM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERDM LITTELFUSE-ERDM Datasheet
504Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com