Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM Datasheet(PDF) 2 Page - Littelfuse

Part # MSM
Description  Dedicated - Delay-on-Make
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MSM Datasheet(HTML) 2 Page - Littelfuse

  MSM Datasheet HTML 1Page - Littelfuse MSM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/msm
Rev: 1-A-062216
Specifications
Time Delay
Type
Analog Circuitry
Range
0.05 - 180s fixed
Repeat Accuracy
±5%
Tolerance
(Factory Calibration)
±15%
Recycle Time
≤ 75ms
Time Delay vs Temp.
& Voltage
±15%
Input
Voltage
12 or 24VDC; 24, 120, or 230VAC
Tolerance
±10%
AC Line Frequency
50/60 Hz
Output
Type
Solid State
Form
NO, open during timing
Maximum Load Current
0.5A steady state 25°C;
0.25A steady state 60°C
Minimum Holding Current
40mA
Voltage Drop
≅ 2.5V @ 0.5A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS input to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
A.) PC mount 14 AWG (2.087mm2) wires
(Can be inserted in AMP Miniature Spring
Socket #645980-1)
B.) Stranded 18 AWG wire leads (0.933 mm2)
with mounting bracket
Environmental
Operation/Storage
Temperature
-20° to 60°C / -30° to 85°C
Humidity
95% relative, non-condensing
Weight
P: ≅ 1.1 oz (31.2 g) W: ≅ 1.2 oz (34 g)
MSM SERIES
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com