Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSPS Datasheet (PDF) - Littelfuse

KSPS Datasheet PDF - Littelfuse
Part # KSPS
Download  KSPS Download
File Size   531.73 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Make

KSPS Datasheet (PDF)

Go To PDF Page Download Datasheet
KSPS Datasheet PDF - Littelfuse

Part # KSPS
Download  KSPS Click to download

File Size   531.73 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Delay-on-Make

KSPS Datasheet (HTML) - Littelfuse


KSPS Product details

Description
The KSPS Series is a factory programmed module available
in any 1 of 14 standard functions. The KSPS Series offers a
single, fixed, externally or onboard adjustable time delay. The 1A
steady, 10A inrush rated solid-state output provides 100 million
operations typical. Its microcontroller timing circuit provides
excellent repeat accuracy and stability. Encapsulation protects
against shock, vibration, and humidity. The KSPS Series is a cost
effective approach for OEM applications that require small size
and solid state reliability.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%
Compact design Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Similar Part No. - KSPS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-11-B MSYSTEM-KSP-11-B Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-11-B/DN MSYSTEM-KSP-11-B/DN Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-11-B/Q MSYSTEM-KSP-11-B/Q Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-11-C MSYSTEM-KSP-11-C Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Similar Description - KSPS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERDM LITTELFUSE-ERDM Datasheet
504Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com