Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1 Datasheet (PDF) - Littelfuse

TS1 Datasheet PDF - Littelfuse
Part # TS1
Download  TS1 Download
File Size   574.2 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make

TS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1 Datasheet PDF - Littelfuse

Part # TS1
Download  TS1 Click to download

File Size   574.2 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make

TS1 Datasheet (HTML) - Littelfuse


TS1 Product details

Description
The TS1 Series offers proven reliability and performance with
years of use in OEM equipment and commercial applications.
This encapsulated general use timing module is capable of
controlling load currents ranging from 5mA to 1A. May be
connected in series with contactors, relays, valves, solenoids,
small motors, and lamps.
Operation (Delay-on-Make)
Upon application of input voltage, the time delay begins. The
output is de-energized before and during the time delay. At
the end of the time delay, the output energizes and remains
energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.

FEATURES BENEFITS
Analog circuitry Repeat Accuracy + / - 2%
Fixed or external
adjustable time delay
External time delay settings are adjustable from
0.05s - 10m in 8 ranges for added flexibility
5mA to 1A load
current range
Minimum holding current of 5mA ensures proper
operation with the lightest of loads
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Two terminal series
load connections
Allows connection in series with contactors,
relays, valves, solenoids, small motors and lamps.
Provides quick and easy installation for new or
existing systems




Similar Part No. - TS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
STATEK CORPORATION
TS1 STATEK-TS1 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
More results


Similar Description - TS1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com