Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDB Datasheet (PDF) - Littelfuse

THDB Datasheet PDF - Littelfuse
Part # THDB
Download  THDB Download
File Size   403.96 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Break

THDB Datasheet (PDF)

Go To PDF Page Download Datasheet
THDB Datasheet PDF - Littelfuse

Part # THDB
Download  THDB Click to download

File Size   403.96 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Break

THDB Datasheet (HTML) - Littelfuse


THDB Product details

Description
The THDB Series combines accurate timing circuitry with high
power, solid-state switching. It can switch motors, lamps, and
heaters directly without a contactor. You can reduce labor,
component cost, and increase reliability with these small,
easy-to-use, timers.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output energizes. The time
delay begins when the initiate switch is opened. The output
remains energized during timing. At the end of the time delay,
the output de-energizes. The output energizes if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat accuracy + / - 0.5%,
Factory calibration + / - 1%
High load currents up
to 20A, 200A inrush
Allows direct operation of motors, lamps and
heaters without a contactor
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Metalized
mounting surface Facilitates heat transfer in high current applications
Compact, low
cost design
Allows flexibility for OEM applications and reduces
labor and components costs




Similar Part No. - THDB

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD-10 TRACOPOWER-THD-10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
logo
Delta Electronics, Inc.
THD0948HE-AXHH DELTA-THD0948HE-AXHH Datasheet
742Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210N TRACOPOWER-THD10-1210N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
More results


Similar Description - THDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com