Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH1 Datasheet (PDF) - Littelfuse

TH1 Datasheet PDF - Littelfuse
Part # TH1
Download  TH1 Download
File Size   437.86 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make

TH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH1 Datasheet PDF - Littelfuse

Part # TH1
Download  TH1 Click to download

File Size   437.86 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make

TH1 Datasheet (HTML) - Littelfuse


TH1 Product details

Description
The TH1 Series is a solid-state relay and timer combined into
one compact, easy-to-use control. This highly reliable device
eliminates the need for a separate solid-state relay. When
mounted to a metal surface, it can switch load currents up to
20A steady state, and 200A inrush.
Operation (Delay-on-Make)
Upon application of input voltage, the time delay begins. The
output is de-energized before and during the time delay. At
the end of the time delay, the output energizes and remains
energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 2%,
Factory calibration + / - 5%
Compact, low
cost design
Allows flexiblility for OEM applications and reduces
labor and component costs
High load currents up
to 20A, 200A inrush
Allows direct operation of motors, lamps, and
heaters directly without a contactor
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Metalized
mounting surface Facilitates heat transfer for high current applications




Similar Part No. - TH1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Topstek Inc.
TH10A TOPSTEK-TH10A Datasheet
131Kb / 3P
Topstek Current Transducer
logo
Multicomp Pro
TH10A MULTICOMP-TH10A Datasheet
183Kb / 3P
Current Transducer Hall Effect
06/06/11 V1.1
More results


Similar Description - TH1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com