Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDB Datasheet (PDF) - Littelfuse

TDB Datasheet PDF - Littelfuse
Part # TDB
Download  TDB Download
File Size   386.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DELAY-ON-BREAK

TDB Datasheet (PDF)

Go To PDF Page Download Datasheet
TDB Datasheet PDF - Littelfuse

Part # TDB
Download  TDB Click to download

File Size   386.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DELAY-ON-BREAK

TDB Datasheet (HTML) - Littelfuse


TDB Product details

Description
The TDB series combines accurate digital circuitry with
isolated, 8 A, DPDT or SPDT contacts in an 8-pin or 11-pin
plug-in package. The TDB series features DIP switch
selectable time delays ranging from 0.1–10,230 seconds in
three ranges. The TDB series is the product of choice for
custom control panel and OEM designers.
Operation (Delay-on-Break)
Input voltage must be applied to the input before and during
timing. Upon closure of the initiate switch, the output relay
is energized. The time delay begins when the initiate switch
is opened (trailing edge triggered). The output remains
energized during timing. At the end of the time delay, the
output de-energizes. The output will energize if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the
time delay. Loss of input voltage resets the time delay and
output.

FEATURES BENEFITS
3 time ranges available
0.1 s to 2.8 h)
Makes it versatile for use in many
applications
Microcontroller based Repeat Accuracy +/- 0.1 %;
Setting Accuracy +/- 2 %
LED indication
select models) Provides visual indication of relay status
Dip switch adjustment Provides first time setting accuracy
Isolated output contacts Allows control of loads with independent
voltage sources




Similar Part No. - TDB

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDB ATC-TDB Datasheet
513Kb / 1P
Interval Relay Output
logo
Siemens Semiconductor G...
TDB 0723 A-723 SIEMENS-TDB 0723 A-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
TDB 0723-723 SIEMENS-TDB 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Adam Technologies, Inc.
TDB-08 ADAM-TECH-TDB-08 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
Automatic Timing & Cont...
TDB-120-AFA ATC-TDB-120-AFA Datasheet
513Kb / 1P
Interval Relay Output
More results


Similar Description - TDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRDB LITTELFUSE-HRDB Datasheet
643Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDUB LITTELFUSE-TDUB Datasheet
419Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com