Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRDB Datasheet (PDF) - Littelfuse

HRDB Datasheet PDF - Littelfuse
Part # HRDB
Download  HRDB Download
File Size   643.31 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Break Timer

HRDB Datasheet (PDF)

Go To PDF Page Download Datasheet
HRDB Datasheet PDF - Littelfuse

Part # HRDB
Download  HRDB Click to download

File Size   643.31 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Break Timer

HRDB Datasheet (HTML) - Littelfuse


HRDB Product details

Description
The HRDB Series combines an electromechanical, relay output
with microcontroller timing circuitry. The HRDB offers 12 to 230V
operation in five options and factory fixed, external, or onboard
adjustable time delays with a repeat accuracy of ±0.5%. The
isolated output contact rating allows for direct operation of heavy
loads, such as compressors, pumps, blower motors, heaters, etc.
The HRDB is ideal for OEM applications where cost is a factor.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output relay energizes. The
time delay begins when the initiate switch is opened. The output
remains energized during timing. At the end of the time delay,
the output de-energizes. The output will energize if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the time
delay. Loss of input voltage resets the time delay and output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%
Compact, low
cost design Allows flexiblility for OEM applications
Isolated, 30A, SPDT,
NO output contacts
Allows direct operation of heavy loads:
compressors, pumps, blower moters, heaters.




Similar Part No. - HRDB

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
HRD-1641 HANWHAVISION-HRD-1641 Datasheet
897Kb / 4P
16CH 4M H.264 AHD DVR
HRD-1642 HANWHAVISION-HRD-1642 Datasheet
542Kb / 4P
16CH 4M H.264 AHD DVR
HRD-440 HANWHAVISION-HRD-440 Datasheet
762Kb / 4P
4CH 4M H.264 AHD DVR
HRD-442 HANWHAVISION-HRD-442 Datasheet
412Kb / 4P
4CH 4M H.264 AHD DVR
HRD-840 HANWHAVISION-HRD-840 Datasheet
762Kb / 4P
8CH 4M H.264 AHD DVR
More results


Similar Description - HRDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDUB LITTELFUSE-TDUB Datasheet
419Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com