Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDMB Datasheet (PDF) - Littelfuse

TDMB Datasheet PDF - Littelfuse
Part # TDMB
Download  TDMB Download
File Size   489.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Make/Delay-on-Break

TDMB Datasheet (PDF)

Go To PDF Page Download Datasheet
TDMB Datasheet PDF - Littelfuse

Part # TDMB
Download  TDMB Click to download

File Size   489.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Make/Delay-on-Break

TDMB Datasheet (HTML) - Littelfuse


TDMB Product details

Description
The TDMB combines both delay-on-make and delay-on-break
functions into one plug-in package. Selection of the time period
is accomplished with dual switches, one for the on delay and
the other for the off delay. SPDT or DPDT output options provide
isolated, 10A switching capability.
Operation (Delay-on-Make/Delay-on-Break)
Input voltage must be applied at all times. The output relay is
de-energized. Upon closure of the initiate switch, the green
LED glows and the delay-on-make time delay (T1) begins. At the
end of T1, the output relay energizes and the red LED glows.
When the initiate switch opens, the green LED turns OFF and
the delay-on-break time delay (T2) begins. At the end of T2, the
output relay de-energizes and the red LED turns OFF.
Reset: Removing input voltage resets time delay and output.
Opening the initiate switch during the delay-on-make delay,
resets T1. Closing the initiate switch during the delay-on-break
delay, resets T2.

FEATURES BENEFITS
Digital circuitry Repeat Accuracy + / - 0.1%,
Setting accuracy + / - 2%
Isolated, 10A, SPDT or
DPDT output contacts Allows control of loads for AC or DC voltages
User selectable
Delay-on-Make and
Delay-on-Break
time delay
Timing settings are independently adjustable for
added flexibility
Industry standard octal
plug connection Eliminates need for special connectors
LED Indication Provides visual indication of initiate, timing, and
relay output status
DIP Switch Adjustment Provides first time setting accuracy




Similar Part No. - TDMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDMB ETC2-TDMB Datasheet
117Kb / 3P
DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
logo
IMO Precision Controls ...
TDMB IMO-TDMB Datasheet
155Kb / 3P
DIN Timers TD
03/03
More results


Similar Description - TDMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
PRLM LITTELFUSE-PRLM Datasheet
269Kb / 2P
DELAY-ON-MAKE
2021 Rev: 1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com