Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLM Datasheet (PDF) - Littelfuse

PRLM Datasheet PDF - Littelfuse
Part # PRLM
Download  PRLM Download
File Size   269.99 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DELAY-ON-MAKE

PRLM Datasheet (PDF)

Go To PDF Page Download Datasheet
PRLM Datasheet PDF - Littelfuse

Part # PRLM
Download  PRLM Click to download

File Size   269.99 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DELAY-ON-MAKE

PRLM Datasheet (HTML) - Littelfuse


PRLM Product details

Description
The PRLM series is designed for use in non-critical timing
applications. It offers low cost, fixed or knob adjustable
timing control, full 8 A relay output, and onboard LED
indication. The onboard LED indicates whether or not the unit
is timing (flashing LED) as well as the status of the output.
Operation (Delay-on-Make)
The time delay is initiated when input voltage is applied.
LED flashes during timing. At the end of the delay period,
the output contacts energize. LED is on steady after the unit
times out.
Reset: Reset is accomplished by removal of input voltage.
There is no false output when reset during timing.

FEATURES BENEFITS
Electronic circuitry with
electromechanical relay Repeat Accuracy +/- 2 %
Knob adjustable
time delay Guaranteed time range of up to 60 sec.
Isolated 8 A, DPDT
output contacts
Allows control of loads with independent
voltage sources
LED indication Provides relay status both during and after
timing
Industry standard octal
plug connection Eliminates need for special connectors




Similar Part No. - PRLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRL ETC-PRL Datasheet
454Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0512 ULC-PRL0602DNC-0512 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0524 ULC-PRL0602DNC-0524 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0548 ULC-PRL0602DNC-0548 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
More results


Similar Description - PRLM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com