Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLM Datasheet(PDF) 2 Page - Littelfuse

Part # PRLM
Description  DELAY-ON-MAKE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PRLM Datasheet(HTML) 2 Page - Littelfuse

  PRLM Datasheet HTML 1Page - Littelfuse PRLM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
2 of 2
Time Delay Relays
DELAY-ON-MAKE
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Specifications
Time Delay
Type
Digital circuitry
Range
See "Ordering Information" table
Repeat Accuracy
±2 %
Fixed Time Tolerance
& Setting Accuracy
+/- 5 %
Reset Time
≤ 50 ms
Recycle Time
After timing: ≤ 20 ms
During timing: 0.1% of max. time delay or
75 ms, whichever is greater
Time Delay vs Temp.
& Voltage
≤ ± 5 %
Input
Voltage
120 V ac
Tolerance
120 V ac
-20 %–10 %
AC Line Frequency
50/60 Hz
Power Consumption
≤ 3.25W
Output
Type
Electromechanical relay
Form
Isolated, DPDT
Rating
8 A resistive @ 120/240 V ac;
1/3 hp @ 120/240 V ac
Life
Mechanical - 1x107;
Electrical - 1x106
Protection
Surge
IEEE C62.41-1991 Level A
Isolation Voltage
≥ 1500 V rms input to output
Insulation Resistance
≥ 100 MΩ
Polarity
Dc units are reverse polarity protected
Indication
Type
LED
Operation
During timing - flashing
Output energized - on steady
Mechanical
Mounting
Plug-in socket
Dimensions
H 44.45 mm (1.75”); W 60.33 mm (2.38”);
D (with socket) 104.78 mm (4.13”)
Termination
Octal 8-pin plug-in
Environmental
Operating/Storage
Temperature
-20° to 65°C / -30° to 85°C
Weight
≅ 4 oz (113 g)
Safety Marks
UL (socket required)*
UL 508 (E57310)
*UL Listed when used with Part Number OT08-PC or RB08-PC manufactured by
Custom Connector Corp.
Note: Manufacturer's recommended screw terminal torque for the OT series
sockets is 12 in-lbs.
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com