Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLM Datasheet(PDF) 1 Page - Littelfuse

Part # PRLM
Description  DELAY-ON-MAKE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PRLM Datasheet(HTML) 1 Page - Littelfuse

  PRLM Datasheet HTML 1Page - Littelfuse PRLM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
1 of 2
Time Delay Relays
DELAY-ON-MAKE
PRLM Series
L1
N/L2
8-pin octal DPDT
Wiring Diagram
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
PRLM41180
120 V ac
Fixed
180 s
PRLM423
120 V ac
Adjustable
1–60 s
Description
The PRLM series is designed for use in non-critical timing
applications. It offers low cost, fixed or knob adjustable
timing control, full 8 A relay output, and onboard LED
indication. The onboard LED indicates whether or not the unit
is timing (flashing LED) as well as the status of the output.
Operation (Delay-on-Make)
The time delay is initiated when input voltage is applied.
LED flashes during timing. At the end of the delay period,
the output contacts energize. LED is on steady after the unit
times out.
Reset: Reset is accomplished by removal of input voltage.
There is no false output when reset during timing.
Features & Benefits
FEATURES
BENEFITS
Electronic circuitry with
electromechanical relay
Repeat Accuracy +/- 2 %
Knob adjustable
time delay
Guaranteed time range of up to 60 sec.
Isolated 8 A, DPDT
output contacts
Allows control of loads with independent
voltage sources
LED indication
Provides relay status both during and after
timing
Industry standard octal
plug connection
Eliminates need for special connectors
Accessories
OT08PC 8-pin Octal Socket for UL listing*
8-pin 35 mm DIN-rail or surface mount.
Rated at 10 A @ 600 V ac. Surface mounted
with two #6 screws or snaps onto a 35 mm
DIN rail.
P1011-6 Octal Socket for UL listing*
8-pin surface mount socket with binder head
screw terminals. Rated 10 A @ 600 V ac.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
*


Similar Part No. - PRLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRL ETC-PRL Datasheet
454Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0512 ULC-PRL0602DNC-0512 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0524 ULC-PRL0602DNC-0524 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0548 ULC-PRL0602DNC-0548 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRLM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com