Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD7 Datasheet (PDF) - Littelfuse

TSD7 Datasheet PDF - Littelfuse
Part # TSD7
Download  TSD7 Download
File Size   558.58 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD7 Datasheet PDF - Littelfuse

Part # TSD7
Download  TSD7 Click to download

File Size   558.58 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Interval

TSD7 Datasheet (HTML) - Littelfuse


TSD7 Product details

Description
The TSD7 Series utilizes only two terminals connected in series
with the load. Interval timing mode period is achieved by using a
small portion of the AC sine wave allowing sufficient voltage for
circuit operation. It can be used as an interval timer to control or
pulse shape the operation of contactors, solenoids, relays, and
lamp loads. The TSD7 Series can be wired to delay on the break
of a switch for energy saving fan delays.
Operation (Interval)
Upon application of input voltage, the output energizes and the
time delay begins. The output remains energized throughout the
time delay. At the end of the time delay, the output de-energizes
and remains de-energized until power is removed.
Reset: Removing input voltage resets the time delay and
the output.
Operation (Delay-on-Break)
Upon closure of SW1, the load is energized and the timer is
reset (zero volts across its input terminals). Opening SW1 reapplies
input voltage to the timer, the load remains energized
and the time delay begins. At the end of the time delay, the
output de-energizes. If SW1 is open when power is applied, the
load will energize for the time delay then de-energize.
Reset: Reclosing SW1 resets the timer.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%,
+ / -1% time delay accuracy
Extended
temperature range
Rated to 75°C operating temperature to withstand
high heat applications
Compact, low
cost design Allows flexiblility for OEM applications
1A steady solid-state
output, 10A inrush Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Two terminal series
load connections
Provides quick and easy installation for new or
existing systems




Similar Part No. - TSD7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD7 ETC1-TSD7 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD772CK TSC-TSD772CK Datasheet
225Kb / 4P
Low Vcesat PNP Transistor
TSD772SCT TSC-TSD772SCT Datasheet
249Kb / 4P
Low Vcesat PNP Transistor
TSD772SCY TSC-TSD772SCY Datasheet
249Kb / 4P
Low Vcesat PNP Transistor
More results


Similar Description - TSD7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com