Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2001 Datasheet (PDF) - GHz Technology

2001 Datasheet PDF - GHz Technology
Part # 2001
Download  2001 Download
File Size   208.32 Kbytes
Page   4 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 1.0 Watt - 28 Volts, Class C Microwave 2000 MHz

2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2001 Datasheet PDF - GHz Technology

Part # 2001
Download  2001 Click to download

File Size   208.32 Kbytes
Page   4 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 1.0 Watt - 28 Volts, Class C Microwave 2000 MHz

2001 Datasheet (HTML) - GHz Technology


2001 Product details

GENERAL DESCRIPTION
The 2001 is a COMMON BASE transistor capable of providing 1 Watts Class C, RF output power at 2000 MHz. Gold Metalization and diffused ballasting are used to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder Sealed package.




Similar Part No. - 2001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2001 SCHURTER-2001 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Heyco.
2001 HEYCO-2001 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2001 ADAFRUIT-2001 Datasheet
122Kb / 1P
Silicone Cover Stranded-Core Wire - 2m 30AWG Red
logo
Dwyer Instruments,
2001 DWYER-2001 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results


Similar Description - 2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1014-12 ETC1-1014-12 Datasheet
96Kb / 2P
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
GHz Technology
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
10 Watt - 28 Volts, Class C Microwave 2000 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-2 MICROSEMI-1014-2 Datasheet
37Kb / 1P
2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com