Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1014-2 Datasheet (PDF) - Microsemi Corporation

1014-2 Datasheet PDF - Microsemi Corporation
Part # 1014-2
Download  1014-2 Download
File Size   37.47 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz

1014-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1014-2 Datasheet PDF - Microsemi Corporation

Part # 1014-2
Download  1014-2 Click to download

File Size   37.47 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz

1014-2 Datasheet (HTML) - Microsemi Corporation


1014-2 Product details

GENERAL DESCRIPTION
The 1014-2 is a COMMON BASE transistor capable of providing 2 Watts of Class C, RF Output Power over the band 1000-1400 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes Input prematching and utilizes gold metalization and diffused ballasting to provide high reliagility and supreme ruggedness.




Similar Part No. - 1014-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1014-2 NXP-1014-2 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - 1014-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1014-12 ETC1-1014-12 Datasheet
96Kb / 2P
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
Advanced Power Technolo...
1014-6A ADPOW-1014-6A Datasheet
163Kb / 1P
6 Watts, 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
GHz Technology
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
10 Watt - 28 Volts, Class C Microwave 2000 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-6A MICROSEMI-1014-6A Datasheet
205Kb / 3P
6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com