Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB8000 Datasheet (PDF) - Advanced Semiconductor

ASB8000 Datasheet PDF - Advanced Semiconductor
Part # ASB8000
Download  ASB8000 Download
File Size   15.7 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description SILICON BEAM LEAD PIN DIODE

ASB8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASB8000 Datasheet PDF - Advanced Semiconductor

Part # ASB8000
Download  ASB8000 Click to download

File Size   15.7 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description SILICON BEAM LEAD PIN DIODE

ASB8000 Datasheet (HTML) - Advanced Semiconductor


ASB8000 Product details

DESCRIPTION:
The ASB8000 is a Silicon Beam Lead PIN Diode Designed for High Speed Switching Applications Up to 18 GHz.

FEATURES INCLUDE:
• Low Capacitance - 0.025 pF Typical
• Low Series Resistance - 2.5 Ω Typical
• High Beam Pulls - 5 Grams Minimum




Similar Part No. - ASB8000

ManufacturerPart #DatasheetDescription
logo
Lumberg
ASB8-LED5-4-1.5M LUMBERG-ASB8-LED5-4-1.5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-10M LUMBERG-ASB8-LED5-4-331-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-5M LUMBERG-ASB8-LED5-4-331-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-RS120M LUMBERG-ASB8-LED5-4-331-RS120M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB85-4-331-10M LUMBERG-ASB85-4-331-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results


Similar Description - ASB8000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
Planar Beam Lead PIN Diode
DSM8100-000 SKYWORKS-DSM8100-000 Datasheet
68Kb / 5P
Mesa Beam Lead PIN Diode
logo
Tyco Electronics
MA4AGBLP912 MACOM-MA4AGBLP912 Datasheet
87Kb / 5P
AlGaAs Beam Lead PIN Diode
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027 Datasheet
104Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
HMIC Silicon Beam Lead PIN Diode
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
Planar Beam Lead PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
Beam Lead PIN Diode
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com