Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB8000 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASB8000
Description  SILICON BEAM LEAD PIN DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASB8000 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASB8000 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
60
V
CJ
VR = 10 V
f = 2 - 18 GHz
0.025
0.035
pF
RS
IF = 10 mA
f = 1.0 GHz
2.5
3.0
Ω
Ω
Ω
Ω
ττττ
IF = 10 mA
IR = 6.0 mA
40
nS
trr
IF = 10 mA
IR = 6.0 mA
2.4
nS
Lead Pull
5
gm
SILICON BEAM LEAD PIN DIODE
ASB8000
PACKAGE STYLE BL1
DESCRIPTION:
The
ASB8000 is a Silicon Beam Lead
PIN Diode Designed for High Speed
Switching Applications Up to 18 GHz.
FEATURES INCLUDE:
• Low Capacitance - 0.025 pF Typical
• Low Series Resistance - 2.5 Ω Typical
• High Beam Pulls - 5 Grams Minimum
MAXIMUM RATINGS
IF
100 mA
VR
60 V
PDISS
250 mW @ TA = 25
OC
TJ
-65
OC to +175 OC
TSTG
-65
OC to +200 OC
θθθθ
JA
600
OC/W


Similar Part No. - ASB8000

ManufacturerPart #DatasheetDescription
logo
Lumberg
ASB8-LED5-4-1.5M LUMBERG-ASB8-LED5-4-1.5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-10M LUMBERG-ASB8-LED5-4-331-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-5M LUMBERG-ASB8-LED5-4-331-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB8-LED5-4-331-RS120M LUMBERG-ASB8-LED5-4-331-RS120M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB85-4-331-10M LUMBERG-ASB85-4-331-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - ASB8000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
Planar Beam Lead PIN Diode
DSM8100-000 SKYWORKS-DSM8100-000 Datasheet
68Kb / 5P
Mesa Beam Lead PIN Diode
logo
Tyco Electronics
MA4AGBLP912 MACOM-MA4AGBLP912 Datasheet
87Kb / 5P
AlGaAs Beam Lead PIN Diode
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027 Datasheet
104Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
HMIC Silicon Beam Lead PIN Diode
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
Planar Beam Lead PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
Beam Lead PIN Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com