Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4373AW5-7 Datasheet (PDF) - Diodes Incorporated

AP4373AW5-7 Datasheet PDF - Diodes Incorporated
Part # AP4373AW5-7
Download  AP4373AW5-7 Download
File Size   459.22 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0

AP4373AW5-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4373AW5-7 Datasheet PDF - Diodes Incorporated

Part # AP4373AW5-7
Download  AP4373AW5-7 Click to download

File Size   459.22 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0

AP4373AW5-7 Datasheet (HTML) - Diodes Incorporated


AP4373AW5-7 Product details

Features
- Support Qualcomm QC2.0 Protocol Combined with the AP3792 (QC2.0: 5V/9V)
- Low Standby Power
- Fast Dynamic Response
- Built in Opto Coupler LED Driver
- Output Capacitor Safe-Discharge Circuitry
- Fewest External Component Count
- Output Over Voltage Protection (OVP)
- D+/D- Over Voltage Protection
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- AC/DC Adapters
- Battery Chargers




Similar Part No. - AP4373AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4370 DIODES-AP4370 Datasheet
682Kb / 12P
DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
Rev 3
AP4370KTRG1 DIODES-AP4370KTRG1 Datasheet
682Kb / 12P
DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
Rev 3
AP4370KTTRG1 DIODES-AP4370KTTRG1 Datasheet
682Kb / 12P
DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
Rev 3
AP43761 DIODES-AP43761 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
AP43761MTR-G1 DIODES-AP43761MTR-G1 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
More results


Similar Description - AP4373AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4370 DIODES-AP4370 Datasheet
682Kb / 12P
DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
Rev 3
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371_16 Datasheet
109Kb / 13P
Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
logo
Dialog Semiconductor
IW626 DIALOG-IW626 Datasheet
422Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW629 DIALOG-IW629 Datasheet
392Kb / 6P
AC/DC Secondary-Side Controller for Qualcomm
IW636 DIALOG-IW636 Datasheet
393Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
logo
Diodes Incorporated
AP43331N DIODES-AP43331N Datasheet
537Kb / 11P
QUICK CHARGER CONTROLLER COMPATIBLE WITH QUALCOMM QC3.0
Rev 4
logo
Tripp Lite. All Rights ...
U280-C02-S-QC3 TRIPPLITE-U280-C02-S-QC3 Datasheet
159Kb / 3P
Dual-Port USB Car Charger for Tablets and Cell Phones with Qualcomm Quick Charge 3.0 Technology
logo
Diodes Incorporated
AP3171 DIODES-AP3171 Datasheet
325Kb / 8P
QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
July 2020
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
IW709 RENESAS-IW709 Datasheet
542Kb / 6P
AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)
23-Feb-2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com