Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW709 Datasheet (PDF) - Renesas Technology Corp

IW709 Datasheet PDF - Renesas Technology Corp
Part # IW709
Download  IW709 Download
File Size   542.5 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)

IW709 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW709 Datasheet PDF - Renesas Technology Corp

Part # IW709
Download  IW709 Click to download

File Size   542.5 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)

IW709 Datasheet (HTML) - Renesas Technology Corp


IW709 Product details

1 Description
The iW709 is an AC/DC secondary-side controller for USB Power Delivery (PD) 3.0 with Programmable Power Supply
(PPS) and Qualcomm® Quick ChargeTM QC4+ (QC2.0/QC3.0/QC4) support which integrates a secondary-side regulation
controller, interface protocol controller, USB VBUS driver and synchronous rectifier controller into a single IC.
The iW709 allows rapid charge of USB PD PPS or QC-enabled mobile devices (MDs). It resides on the secondary
side of an AC/DC travel adapter (TA) and allows the TA to be configured for multi-level output voltage and current.
The iW709 measures the output voltage and load current and sends the results to a digital compensator for closed-loop
control of flyback converter. The digital control signal generated by the compensator is converted to an analog signal
and transferred to primary controller via an optocoupler.
The iW709 is also an advanced synchronous rectifier (SR) controller with an integrated MOSFET driver. The device
works with an external power MOSFET to replace the main rectifying diode on the secondary of a flyback converter.
The SR control block optimizes the SR on/off timing and also uses proprietary technologies for timing control of ZVS
or active clamp flyback topologies to achieve best efficiency when coupled with Dialog’s ZVS-enabled primary-side
controllers.
The iW709 can be paired with one of Dialog’s high-performance flyback controllers that support either quasi-resonant
(QR) control or QR and Zero Voltage Switching (ZVS) technology to achieve high efficiency, low no-load power
consumption, accuracy voltage/current control and fast dynamic load response.

2 Features
● USB-IF certified: USB PD 3.0 with PPS
x Supports 3.3V to 21V in 20mV steps and output
current in 50mA steps
● Optionally supports Qualcomm QC4+
(QC2.0/QC3.0/QC4)
● High resolution accuracy multi-level output voltage and
current control
● Built-in digital loop compensation to minimize the
external component count
● Built-in synchronous rectification controller with
integrated driver
● Optimized VDS-based SR timing and driving control for
ZVS or active clamp flyback with wide output range
● NFET driver for VBUS switch
● Programmable active fast discharge from a high
voltage to 5V at MD unplug or from a high voltage level
to a lower level upon request with built-in switch or
external switch
● Intelligent low power mode enables very low no-load
power consumption when paired with one of Dialog’s
primary-side controllers, the iW9801 or iW9809
● Supports DCM and CCM operation
● PD-based power derating feature
● Wide VVIN operating range from 2.6V to 25V
● 16-Lead QFN package




Similar Part No. - IW709

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7023-00-QFN4 DIALOG-IW7023-00-QFN4 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
More results


Similar Description - IW709

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Dialog Semiconductor
IW626 DIALOG-IW626 Datasheet
422Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW629 DIALOG-IW629 Datasheet
392Kb / 6P
AC/DC Secondary-Side Controller for Qualcomm
IW636 DIALOG-IW636 Datasheet
393Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW662 DIALOG-IW662 Datasheet
605Kb / 8P
AC/DC Secondary-Side Synchronous Rectification and Rapid Charge
logo
Diodes Incorporated
AP43331N DIODES-AP43331N Datasheet
537Kb / 11P
QUICK CHARGER CONTROLLER COMPATIBLE WITH QUALCOMM QC3.0
Rev 4
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
IW662 RENESAS-IW662 Datasheet
566Kb / 7P
AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM Interface Controller for Qualcomm® Quick Charge™ 3.0
09-Feb-2022
IW760 RENESAS-IW760 Datasheet
466Kb / 7P
Zero Standby Power AC/DC Secondary-Side Regulation Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS
08-Apr-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com