Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW760 Datasheet (PDF) - Renesas Technology Corp

IW760 Datasheet PDF - Renesas Technology Corp
Part # IW760
Download  IW760 Download
File Size   466.39 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Zero Standby Power AC/DC Secondary-Side Regulation Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS

IW760 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW760 Datasheet PDF - Renesas Technology Corp

Part # IW760
Download  IW760 Click to download

File Size   466.39 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Zero Standby Power AC/DC Secondary-Side Regulation Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS

IW760 Datasheet (HTML) - Renesas Technology Corp


IW760 Product details

1 Description
The iW760 is an AC/DC secondary-side controller for USB Power Delivery (PD) 3.0 with Programmable Power Supply
(PPS) support which integrates a secondary-side regulation controller, interface protocol controller, USB VBUS driver
and synchronous rectifier controller into a single IC.
The iW760 allows rapid charge of USB PD PPS enabled mobile devices (MDs). It resides on the secondary side of an
AC/DC travel adapter (TA) and allows the TA to be configured for multi-level output voltage and current.
The iW760 measures the output voltage and load current and sends the results to a digital compensator for closedloop
control of flyback converter. The digital control signal generated by the compensator is converted to an analog
signal and transferred to primary controller via an optocoupler.
The iW760 controller is a hard-wired state machine, so no MCU coding is required. This eliminates potential malicious
or inadvertent access to chargers or power supplies designed with the iW760 and prevents them from sourcing voltages
via the USB cable higher than a smartphone, tablet, laptop or other product can handle, which may damage the
product.
The iW760 is also an advanced synchronous rectifier (SR) controller with an integrated MOSFET driver. The device
works with an external power MOSFET to replace the main rectifying diode on the secondary of a flyback converter.
The SR control block with proprietary technologies optimizes the SR on/off timing and driving voltage to achieve best
efficiency.
The iW760 should be paired with Renesas’ high power-density Flyback primary-side controllers such as the iW9860
to achieve high efficiency, accurate voltage/current control and fast dynamic load response. Furthermore, iW9860
and iW760 can enter an extremely low consumption state when MD is unplugged so that TA standby power is < 5mW
(Zero standby power1).

2 Features
● Zero standby power consumption with lowest system
cost (< 5mW at 230VAC when output USB cable is
detached in a typical 25W USB PD travel adapter)1
● Supports USB PD3.0 with PPS for output voltage from
3.3V to 21V in 20mV steps and output current in 50mA steps
● High resolution accuracy multi-level output voltage and
current control
● Built-in digital loop compensation to minimize the
external component count
● Built-in synchronous rectification controller with
integrated driver
● Optimized VDS-based SR timing and driving control
with wide output range
● Supports D- Impedance detection
● NFET driver for VBUS switch
● Active fast discharge from a high voltage to 5V at MD
unplug or from a high voltage level to a lower level
upon request
● Hard-wired state machine
x No MCU and firmware required
x Prevents chargers and power supplies from being
hacked and damaged
● Supports DCM and CCM operation
● 14-Lead TDFN package




Similar Part No. - IW760

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
8-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7023-00-QFN4 DIALOG-IW7023-00-QFN4 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
More results


Similar Description - IW760

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR348 DIODES-APR348 Datasheet
377Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
logo
Renesas Technology Corp
IW709 RENESAS-IW709 Datasheet
542Kb / 6P
AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)
23-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com