Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHD Datasheet (PDF) - Vishay Siliconix

IHD Datasheet PDF - Vishay Siliconix
Part # IHD
Download  IHD Download
File Size   78.75 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Filter Inductors, High Current, Axial Leaded

IHD Datasheet (PDF)

Go To PDF Page Download Datasheet
IHD Datasheet PDF - Vishay Siliconix

Part # IHD
Download  IHD Click to download

File Size   78.75 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Filter Inductors, High Current, Axial Leaded

IHD Datasheet (HTML) - Vishay Siliconix


IHD Product details

FEATURES
• Printed circuit mounting (axial leads)
• Protected by polyolefin tubing
• High saturation bobbin used allowing high
inductance with low DC resistance
• Pre-tinned leads
• High resistivity core offers very high parallel resistance,
resulting in maximum coil performance
• 20 sleeveless models available at reduced cost
• Compliant to RoHS Directive 2002/95/EC

MECHANICAL SPECIFICATIONS
Wire: Solid soft copper
Terminals: 20 AWG tinned copper leads
Core Material: Ferrite
Coating: Polyolefin tubing - flame retardant UL type VW-1
per MIL-I-23053/5, class 3 requirements




Similar Part No. - IHD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
Filter Inductors
27-Feb-06
IHD-1 VISHAY-IHD-1 Datasheet
221Kb / 3P
Filter Inductors
27-Feb-06
IHD-2 VISHAY-IHD-2 Datasheet
71Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
IHD-2 VISHAY-IHD-2 Datasheet
63Kb / 2P
Choke Coil, Axial Leaded
25-Mar-2019
IHD-2 VISHAY-IHD-2_V01 Datasheet
63Kb / 2P
Choke Coil, Axial Leaded
25-Mar-2019
More results


Similar Description - IHD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHB6EB103K VISHAY-IHB6EB103K Datasheet
90Kb / 6P
Filter Inductors, High Current, Radial Leaded
13-Apr-11
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHD1BH680L VISHAY-IHD1BH680L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
Filter Inductors, High Current, Axial Leaded
07-Aug-12
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
Filter Inductors, High Current, Radial Leaded
26-Mar-14
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
30-Apr-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com