Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW671 Datasheet (PDF) - Renesas Technology Corp

IW671 Datasheet PDF - Renesas Technology Corp
Part # IW671
Download  IW671 Download
File Size   636.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier Controller

IW671 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW671 Datasheet PDF - Renesas Technology Corp

Part # IW671
Download  IW671 Click to download

File Size   636.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier Controller

IW671 Datasheet (HTML) - Renesas Technology Corp


IW671 Product details

1 Description
The iW671 is a high performance synchronous rectifier controller with an integrated MOSFET driver for flyback converters operating at discontinuous conduction mode. Combined with the MOSFET, the iW671 can emulate the diode rectifier at the secondary side of the flyback to reduce conduction loss. The iW671 determines the timing of the driver by sensing the voltage across the RDS(ON) to achieve lossless sensing. The iW671 uses proprietary digital adaptive turnoff control technology to minimize the turn-off deadtime of the synchronous rectifier so that the parallel Schottky diode
required by conventional synchronous rectifiers can be eliminated. The integrated driver has strong driving capability for high efficiency. The operating power consumption of the controller excluding the driver is less than 4mW at no load to achieve the ultra-low no-load power consumption for 5V applications. The iW671 integrates a pulse linear regulator to maintain the operation of the synchronous rectifier at low system output voltage when the system is operating in constant current (CC) mode.
The iW671 also integrates the adaptive voltage position monitor to detect the flyback converter output voltage undershoot, enabling faster recovery from standby. Dialog’s iW1766C1 primary-side controllers are optimized to work with the iW671 for very low output ripple, fast dynamic load response (DLR), and very low no-load power consumption (< 15mW) at 230VAC input in a typical 5V, 2.5A power supply.
2 Features
● Digital adaptive turn-off control minimizes deadtime
and eliminates the parallel Schottky diode
● Integrated pulse linear regulator (PLR) allows SR
operation at low system output voltage down to 2V in
typical 5V, 2.5A USB charger applications
● Wide input operating voltage up to 30V
● Optimized 5V MOSFET gate driver
● Intelligent low power management achieves ultra-low
no-load operating current < 0.65mA
● Lossless MOSFET VDS sensing for SR timing control
● Integrated adaptive voltage position monitor for fast
flyback output voltage undershoot detection
● 8-pin SOIC and 8-pin MSOP packages
3 Applications
● Compact AC/DC adapters/chargers for media tablets and smart phones




Similar Part No. - IW671

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
More results


Similar Description - IW671

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
logo
Renesas Technology Corp
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW873 RENESAS-IW873 Datasheet
461Kb / 6P
Digital Green-Mode Synchronous Rectifier
02-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com