Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW873 Datasheet (PDF) - Renesas Technology Corp

IW873 Datasheet PDF - Renesas Technology Corp
Part # IW873
Download  IW873 Download
File Size   461.71 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier

IW873 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW873 Datasheet PDF - Renesas Technology Corp

Part # IW873
Download  IW873 Click to download

File Size   461.71 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier

IW873 Datasheet (HTML) - Renesas Technology Corp


IW873 Product details

1 Description
The iW873 is a high performance synchronous rectifier controller with integrated MOSFET and driver for flyback
converters operating at discontinuous conduction mode. It emulates the diode rectifier at the secondary side of the
flyback to reduce conduction loss. The iW873 determines the timing of the driver by sensing the voltage across the
RDS(ON) of the built-in MOSFET to achieve lossless sensing. Proprietary digital adaptive turn-off control technology
is used to minimize the turn-off deadtime of the synchronous rectifier so that the parallel Schottky diode required by
conventional synchronous rectifiers can be eliminated. The integrated driver has strong driving capability for high
efficiency. The operating power consumption of the controller excluding the driver is less than 4mW at no load to achieve
the ultra-low no-load power consumption for 5V applications. The iW873 integrates a pulse linear regulator to maintain
the operation of the synchronous rectifier at low system output voltage when the system is operating in constant current
(CC) mode.

2 Features
● Integrated 60V power MOSFET
● Digital adaptive turn-off control minimizes dead-time
and eliminates the parallel Schottky diode
● Integrated pulse linear regulator (PLR) allows SR
operation at low system output voltage down to 2.4V in
typical 5V, 2A USB charger applications with iW873-00
● Wide VIN pin operating voltage up to 25V
● Intelligent low power management achieves ultra-low
no-load operating current
● Lossless MOSFET VDS sensing for SR timing control
● 8-pin SOIC package




Similar Part No. - IW873

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
More results


Similar Description - IW873

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com