Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF148A Datasheet (PDF) - Advanced Semiconductor

MRF148A Datasheet PDF - Advanced Semiconductor
Part # MRF148A
Download  MRF148A Download
File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description N-Channel Enhancement Mode VHF POWER MOSFET

MRF148A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF148A Datasheet PDF - Advanced Semiconductor

Part # MRF148A
Download  MRF148A Click to download

File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description N-Channel Enhancement Mode VHF POWER MOSFET

MRF148A Datasheet (HTML) - Advanced Semiconductor


MRF148A Product details

DESCRIPTION:
The ASI MRF148A is Designed for General Purpose Class B Power Amplifier Applications up to 175 MHz.

FEATURES:
• PG = 15 dB Typ. at 30 W /175 MHz
• ηD = 50% Typ. at 30 W /30 MHz
• Omnigold™ Metalization System




Similar Part No. - MRF148A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
logo
New Jersey Semi-Conduct...
MRF148A NJSEMI-MRF148A Datasheet
84Kb / 2P
Designed for power amplifier applications in industrial
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
Linear RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
Linear RF Power FET
More results


Similar Description - MRF148A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT15-12 ASI-VFT15-12 Datasheet
19Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT150-50 ASI-VFT150-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT30-50 ASI-VFT30-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28 ASI-VFT5-28 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28SL ASI-VFT5-28SL Datasheet
17Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
MRF172 ASI-MRF172 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
DV2805 ASI-DV2805 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VTF30-28 ASI-VTF30-28 Datasheet
39Kb / 2P
VHF POWER MOSFET N-Channel Enhancement Mode
REV. B
MRF138 ASI-MRF138 Datasheet
18Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
VFT30-28 ASI-VFT30-28 Datasheet
42Kb / 2P
N-Channel Enhancement Mode VHF POWER MOSFET
REV. B
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com