Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF148A Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF148A Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF148A
Download  MRF148A Download
File Size   285.74 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear RF Power FET 30W, to 175MHz, 50V

MRF148A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF148A Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF148A
Download  MRF148A Click to download

File Size   285.74 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear RF Power FET 30W, to 175MHz, 50V

MRF148A Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF148A Product details

Designed for power amplifier applications in industrial, commercial and amateur radio equipment to 175MHz.

• Superior high order IMD
    IMD(d3) (30W PEP): –35 dB (Typ.)
    IMD(d11) (30W PEP): –60 dB (Typ.)
• Specified 50V, 30MHz characteristics:
    Output power: 30W
    Gain: 18dB (Typ.)
    Efficiency: 40% (Typ.)
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Lower reverse transfer capacitance (3.0 pF typ.)




Similar Part No. - MRF148A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
logo
New Jersey Semi-Conduct...
MRF148A NJSEMI-MRF148A Datasheet
84Kb / 2P
Designed for power amplifier applications in industrial
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
Linear RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
Linear RF Power FET
More results


Similar Description - MRF148A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
logo
M/A-COM Technology Solu...
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
RF Power MOSFET Transistor 30W, 2-175MHz, 12V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com