Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF141 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF141 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF141
Download  MRF141 Download
File Size   337.87 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 150W, to 175MHz, 28V

MRF141 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF141 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF141
Download  MRF141 Click to download

File Size   337.87 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 150W, to 175MHz, 28V

MRF141 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF141 Product details

RF Power FET 150W, to 175MHz, 28V

Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device is especially useful for FM broadcast or TV channel frequency band solid state transmitters and amplifiers.

• Guaranteed performance at 30 MHz, 28V:
   Output power: 150W
   Gain: 8dB (22dB Typ.)
   Efficiency: 40%
• Typical Performance at 175MHz, 50V:
   Output Power: 150 W
   Gain: 13 dB
• Low thermal resistance
• Ruggedness tested at rated output power
• Nitride passivated die for enhanced reliability




Similar Part No. - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF141 ASI-MRF141 Datasheet
50Kb / 4P
RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
More results


Similar Description - MRF141

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU2805S MA-COM-DU2805S Datasheet
165Kb / 3P
RF Power MOSFET Transistor 5W, 2-175MHz, 28V
DU2810S MA-COM-DU2810S Datasheet
151Kb / 2P
RF Power MOSFET Transistor 10W, 2-175MHz, 28V
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 40W, 2-175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com