Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF141G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF141G Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF141G
Download  MRF141G Download
File Size   431.73 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 300W, 175MHz, 28V

MRF141G Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF141G Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF141G
Download  MRF141G Click to download

File Size   431.73 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 300W, 175MHz, 28V

MRF141G Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF141G Product details

RF Power FET 300W, 175MHz, 28V

Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device is especially useful for FM broadcast or TV channel frequency band solid state transmitters and amplifiers.

• Guaranteed performance at 175MHz, 28V:
   Output power: 300W
   Gain: 12dB (14dB Typ.)
   Efficiency: 50%
• Low thermal resistance: 0.35°C/W
• Ruggedness tested at rated output power
• Nitride passivated die for enhanced reliability




Similar Part No. - MRF141G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF141G ASI-MRF141G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF141G NJSEMI-MRF141G Datasheet
87Kb / 2P
RF Power Field-Effect Transistor
More results


Similar Description - MRF141G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU2805S MA-COM-DU2805S Datasheet
165Kb / 3P
RF Power MOSFET Transistor 5W, 2-175MHz, 28V
DU2810S MA-COM-DU2810S Datasheet
151Kb / 2P
RF Power MOSFET Transistor 10W, 2-175MHz, 28V
DU2820S MA-COM-DU2820S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 200W, 2-175MHz, 28V
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 40W, 2-175MHz, 28V
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
RF Power MOSFET Transistor 200W, 2-175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
RF Power FET 300W, 175MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com