Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF141 Datasheet (PDF) - Tyco Electronics

MRF141 Datasheet PDF - Tyco Electronics
Part # MRF141
Download  MRF141 Download
File Size   205.5 Kbytes
Page   10 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL BROADBAND RF POWER MOSFET

MRF141 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF141 Datasheet PDF - Tyco Electronics

Part # MRF141
Download  MRF141 Click to download

File Size   205.5 Kbytes
Page   10 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL BROADBAND RF POWER MOSFET

MRF141 Datasheet (HTML) - Tyco Electronics


MRF141 Product details

The RF MOSFET Line
RF Power Field-Effect Transistor
N–Channel Enhancement–Mode MOSFET

Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

• Guaranteed Performance at 30 MHz, 28 V:
   Output Power — 150 W
   Gain — 18 dB (22 dB Typ)
   Efficiency — 40%
• Typical Performance at 175 MHz, 50 V:
   Output Power — 150 W
   Gain — 13 dB
• Low Thermal Resistance
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability




Similar Part No. - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF141 ASI-MRF141 Datasheet
50Kb / 4P
RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
More results


Similar Description - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com