Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF150 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF150 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF150
Download  MRF150 Download
File Size   285.58 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 150W, to 150MHz, 50V

MRF150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF150 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF150
Download  MRF150 Click to download

File Size   285.58 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power FET 150W, to 150MHz, 50V

MRF150 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF150 Product details

Designed primarily for linear large-signal output stages up to 150 MHz

• Superior high order IMD
    IMD(d3) (150W PEP): –32dB (Typ.)
    IMD(d11) (150W PEP): –60dB (Typ.)
• Specified 50V, 30MHz characteristics
    Output power = 150 Watts
    Power gain = 17 dB (Typ.)
    Efficiency = 45% (Typ.)
• 100% tested for load mismatch at all phase angles




Similar Part No. - MRF150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
logo
Motorola, Inc
MRF1500 MOTOROLA-MRF1500 Datasheet
103Kb / 4P
MICROWAVE POWER TRANSISTOR
More results


Similar Description - MRF150

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D5017UK SEME-LAB-D5017UK Datasheet
83Kb / 5P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
D5007UK SEME-LAB-D5007UK Datasheet
19Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
logo
M/A-COM Technology Solu...
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
MRF176GU MA-COM-MRF176GU_17 Datasheet
963Kb / 13P
The RF MOSFET Line 200/150W, 500MHz, 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com