Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1500 Datasheet (PDF) - Motorola, Inc

MRF1500 Datasheet PDF - Motorola, Inc
Part # MRF1500
Download  MRF1500 Download
File Size   103.24 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTOR

MRF1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF1500 Datasheet PDF - Motorola, Inc

Part # MRF1500
Download  MRF1500 Click to download

File Size   103.24 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROWAVE POWER TRANSISTOR

MRF1500 Datasheet (HTML) - Motorola, Inc


MRF1500 Product details

The RF Line
Microwave Pulse Power Transistor

Designed for 1025–1150 MHz pulse common base amplifier applications such as DME.

• Guaranteed Performance @ 1090 MHz
    Output Power = 500 Watts Peak
    Gain = 5.2 dB Min
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Hermetically Sealed Industry Package
• Silicon Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration
• Internal Input Matching
• Characterized with 10 µs, 1.0% Duty Cycle Pulses




Similar Part No. - MRF1500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
More results


Similar Description - MRF1500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10005 MOTOROLA-MRF10005 Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTOR
MRF10031 MOTOROLA-MRF10031 Datasheet
101Kb / 4P
MICROWAVE POWER TRANSISTOR
MRF10150 MOTOROLA-MRF10150 Datasheet
90Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
NXP Semiconductors
PLB16004U PHILIPS-PLB16004U Datasheet
66Kb / 12P
Microwave power transistor
1997 Feb 18
RX1214B170W PHILIPS-RX1214B170W Datasheet
74Kb / 12P
Microwave power transistor
1997 Feb 18
BLS2731-20 NXP-BLS2731-20 Datasheet
68Kb / 8P
Microwave power transistor
1998 Nov 25
BLS2731-50 NXP-BLS2731-50 Datasheet
65Kb / 8P
Microwave power transistor
1998 Jan 30
BLS3135-10 NXP-BLS3135-10 Datasheet
78Kb / 12P
Microwave power transistor
2000 Feb 01
BLS3135-20 PHILIPS-BLS3135-20 Datasheet
69Kb / 12P
Microwave power transistor
2000 Feb 01
BLS3135-50 PHILIPS-BLS3135-50 Datasheet
65Kb / 8P
Microwave power transistor
1999 Aug 16
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com