Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF140 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF140 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF140
Download  MRF140 Download
File Size   331.02 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 150W, to 150MHz, 28V

MRF140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF140 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF140
Download  MRF140 Click to download

File Size   331.02 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 150W, to 150MHz, 28V

MRF140 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF140 Product details

Designed primarily for linear large–signal output stages up to 150 MHz frequency range.

N–Channel enhancement mode

• Specified 28 volts, 30 MHz characteristics
   Output power = 150 watts
   Power gain = 15 dB (Typ.)
   Efficiency = 40% (Typ.)
• Superior high order IMD
• IMD(d3) (150 W PEP): –30 dB (Typ.)
• IMD(d11) (150 W PEP): –60 dB (Typ.)
• 100% tested for load mismatch at all phase angles with 30:1 VSWR




Similar Part No. - MRF140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF140 MOTOROLA-MRF140 Datasheet
163Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF140 MACOM-MRF140 Datasheet
204Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF140 MA-COM-MRF140_15 Datasheet
331Kb / 10P
MRF140_15
MRF140 MA-COM-MRF140_17 Datasheet
802Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF140

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com