Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF140 Datasheet (PDF) - Tyco Electronics

MRF140 Datasheet PDF - Tyco Electronics
Part # MRF140
Download  MRF140 Download
File Size   204.27 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS LINEAR RF POWER FET

MRF140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF140 Datasheet PDF - Tyco Electronics

Part # MRF140
Download  MRF140 Click to download

File Size   204.27 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS LINEAR RF POWER FET

MRF140 Datasheet (HTML) - Tyco Electronics


MRF140 Product details

The RF MOSFET Line
RF Power Field-Effect Transistor
N–Channel Enhancement–Mode

Designed primarily for linear large–signal output stages up to 150 MHz frequency range.

• Specified 28 Volts, 30 MHz Characteristics
   Output Power = 150 Watts
   Power Gain = 15 dB (Typ)
   Efficiency = 40% (Typ)
• Superior High Order IMD
• IMD(d3) (150 W PEP) — –30 dB (Typ)
• IMD(d11) (150 W PEP) — –60 dB (Typ)
• 100% Tested For Load Mismatch At All Phase Angles With 30:1 VSWR




Similar Part No. - MRF140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF140 MOTOROLA-MRF140 Datasheet
163Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF140 MA-COM-MRF140_15 Datasheet
331Kb / 10P
MRF140_15
MRF140 MA-COM-MRF140_17 Datasheet
802Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF140 MOTOROLA-MRF140 Datasheet
163Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF148 MOTOROLA-MRF148 Datasheet
144Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF148 MACOM-MRF148 Datasheet
169Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
MRF157 MACOM-MRF157 Datasheet
190Kb / 7P
MOS LINEAR RF POWER FET
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com