Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136Y Datasheet (PDF) - Tyco Electronics

MRF136Y Datasheet PDF - Tyco Electronics
Part # MRF136Y
Download  MRF136Y Download
File Size   221.24 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS BROADBAND RF POWER FET

MRF136Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF136Y Datasheet PDF - Tyco Electronics

Part # MRF136Y
Download  MRF136Y Click to download

File Size   221.24 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS BROADBAND RF POWER FET

MRF136Y Datasheet (HTML) - Tyco Electronics


MRF136Y Product details

The RF MOSFET Line
RF Power
Field-Effect Transistors
N-Channel Enhancement-Mode MOSFET

Designed for wideband large–signal amplifier and oscillator applications up to 400 MHz range, in either single ended or push–pull configuration.

• Guaranteed 28 Volt, 150 MHz Performance
   Output Power = 30 Watts
   Broadband Gain = 14 dB (Typ)
   Efficiency = 54% (Typical)
• Small–Signal and Large–Signal
   Characterization
• 100% Tested For Load
   Mismatch At All Phase
   Angles With 30:1 VSWR
• Space Saving Package For
   Push–Pull Circuit
   Applications
• Excellent Thermal Stability,
   Ideally Suited For Class A
   Operation
• Facilitates Manual Gain
   Control, ALC and
   Modulation Techniques




Similar Part No. - MRF136Y

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136Y NJSEMI-MRF136Y Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y_15 Datasheet
412Kb / 10P
The RF MOSFET Line
MRF136Y MA-COM-MRF136Y_17 Datasheet
903Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF136Y

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
MRF5015 MOTOROLA-MRF5015 Datasheet
154Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com