Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF5015 Datasheet (PDF) - Motorola, Inc

MRF5015 Datasheet PDF - Motorola, Inc
Part # MRF5015
Download  MRF5015 Download
File Size   154.23 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL BROADBAND RF POWER FET

MRF5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF5015 Datasheet PDF - Motorola, Inc

Part # MRF5015
Download  MRF5015 Click to download

File Size   154.23 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL BROADBAND RF POWER FET

MRF5015 Datasheet (HTML) - Motorola, Inc


MRF5015 Product details

Designed for broadband commercial and industrial applications at frequencies to 520 MHz. The high gain and broadband performance of this device makes it ideal for large–signal, common source amplifier applications in 12.5 volt mobile, and base station FM equipment.

• Guaranteed Performance at 512 MHz, 12.5 Volts
   Output Power — 15 Watts
   Power Gain — 10 dB Min
   Efficiency — 50% Min
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• S–Parameter Characterization at High Bias Levels
• Excellent Thermal Stability
• All Gold Metal for Ultra Reliability
• Capable of Handling 20:1 VSWR, @ 15.5 Vdc, 512 MHz, 2 dB Overdrive
• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF5015

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF5015 NJSEMI-MRF5015 Datasheet
97Kb / 2P
RF Power Field Effect Transistor
More results


Similar Description - MRF5015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
MRF5003 MOTOROLA-MRF5003 Datasheet
206Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
MRF5035 MOTOROLA-MRF5035 Datasheet
142Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com