Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF134 Datasheet (PDF) - Motorola, Inc

MRF134 Datasheet PDF - Motorola, Inc
Part # MRF134
Download  MRF134 Download
File Size   205.18 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FET

MRF134 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF134 Datasheet PDF - Motorola, Inc

Part # MRF134
Download  MRF134 Click to download

File Size   205.18 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FET

MRF134 Datasheet (HTML) - Motorola, Inc


MRF134 Product details

The RF MOSFET Line
RF Power Field-Effect Transistor
N–Channel Enhancement–Mode
   
. . . designed for wideband large–signal amplifier and oscillator applications up to 400 MHz range.
   
• Guaranteed 28 Volt, 150 MHz Performance
    Output Power = 5.0 Watts
    Minimum Gain = 11 dB
    Efficiency — 55% (Typical)
• Small–Signal and Large–Signal Characterization
• Typical Performance at 400 MHz, 28 Vdc, 5.0 W
    Output = 10.6 dB Gain
• 100% Tested For Load Mismatch At All Phase Angles
    With 30:1 VSWR
• Low Noise Figure — 2.0 dB (Typ) at 200 mA, 150 MHz
• Excellent Thermal Stability, Ideally Suited For Class A
    Operation
   




Similar Part No. - MRF134

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
N.CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
logo
Advanced Semiconductor
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
logo
New Jersey Semi-Conduct...
MRF134 NJSEMI-MRF134 Datasheet
94Kb / 2P
RF Power Field-Effect Transistor
More results


Similar Description - MRF134

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
MRF5015 MOTOROLA-MRF5015 Datasheet
154Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com