Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF134 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF134 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF134
Download  MRF134 Download
File Size   498.77 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V

MRF134 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF134 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF134
Download  MRF134 Click to download

File Size   498.77 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V

MRF134 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF134 Product details

Designed for wideband large–signal amplifier and oscillator applications up to 400 MHz range.
   
N–Channel enhancement mode
   
• Guaranteed 28V, 150 MHz performance
    Output power = 5.0 watts
    Minimum gain = 11 dB
    Efficiency = 55% (Typical)
• Small– and large–signal characterization
• Typical performance at 400 MHz, 28V, 5.0W
    Output = 10.6 dB gain
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Low noise figure: 2.0 dB (Typ.) at 200 mA, 150 MHz
• Excellent thermal stability, ideally suited for Class A operation
   




Similar Part No. - MRF134

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
N.CHANNEL MOS BROADBAND RF POWER FET
logo
Advanced Semiconductor
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
logo
New Jersey Semi-Conduct...
MRF134 NJSEMI-MRF134 Datasheet
94Kb / 2P
RF Power Field-Effect Transistor
More results


Similar Description - MRF134

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com