Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF160 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF160 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF160
Download  MRF160 Download
File Size   533.24 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V

MRF160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF160 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF160
Download  MRF160 Click to download

File Size   533.24 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V

MRF160 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF160 Product details

The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V

Designed primarily for wideband large–signal output and driver from 30–500 MHz.

N–Channel enhancement mode MOSFET

• Guaranteed 28 V, 500 MHz performance
    Output power = 4.0 W
    Gain = 16 dB (min.)
    Efficiency = 55% (typ.)
• Excellent thermal stability, ideally suited for Class A operation
• Facilitates manual gain control, ALC and modulation techniques
• 100% Tested for load mismatch at all phase angles with 30:1 VSWR
• Low Crss – 0.8 pF Typical at VDS = 28 V




Similar Part No. - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
Advanced Semiconductor
MRF160 ASI-MRF160 Datasheet
167Kb / 1P
POWE FIELD EFFECT TRANSISTOR
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results


Similar Description - MRF160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com