Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF160 Datasheet (PDF) - Motorola, Inc

MRF160 Datasheet PDF - Motorola, Inc
Part # MRF160
Download  MRF160 Download
File Size   122.14 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSFET BROADBAND RF POWER FET

MRF160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF160 Datasheet PDF - Motorola, Inc

Part # MRF160
Download  MRF160 Click to download

File Size   122.14 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSFET BROADBAND RF POWER FET

MRF160 Datasheet (HTML) - Motorola, Inc


MRF160 Product details

The RF MOSFET Line
Power Field Effect Transistor
N–Channel Enhancement–Mode MOSFET

Designed primarily for wideband large–signal output and driver from 30–500 MHz.

• Typical Performance at 400 MHz, 28 Vdc
    Output Power = 4.0 Watts
    Gain = 17 dB
    Efficiency = 50%
• Excellent Thermal Stability, Ideally Suited for Class A Operation
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR
• Low Crss – 0.8 pF Typical at VDS = 28 Volts




Similar Part No. - MRF160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
M/A-COM Technology Solu...
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
logo
Advanced Semiconductor
MRF160 ASI-MRF160 Datasheet
167Kb / 1P
POWE FIELD EFFECT TRANSISTOR
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results


Similar Description - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF134 MA-COM-MRF134_17 Datasheet
991Kb / 13P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160_17 Datasheet
876Kb / 12P
The RF MOSFET Line: Broadband Power FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com