Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF160 Datasheet (PDF) - Tyco Electronics

MRF160 Datasheet PDF - Tyco Electronics
Part # MRF160
Download  MRF160 Download
File Size   416.64 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MOSFET BROADBAND RF POWER FET

MRF160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF160 Datasheet PDF - Tyco Electronics

Part # MRF160
Download  MRF160 Click to download

File Size   416.64 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MOSFET BROADBAND RF POWER FET

MRF160 Datasheet (HTML) - Tyco Electronics


MRF160 Product details

The RF MOSFET Line
Power Field Effect Transistor
N–Channel Enhancement-Mode MOSFET

Designed primarily for wideband large–signal output and driver from 30–500 MHz.

• Guaranteed 28 Volt, 500 MHz performance
    Output power = 4.0 Watts
    Gain = 16 dB (Min)
    Efficiency = 55% (Typ)
• Excellent thermal stability, ideally suited for Class A operation
• Facilitates manual gain control, ALC and modulation techniques
• 100% Tested for load mismatch at all phase angles with 30:1 VSWR
• Low Crss – 0.8 pF Typical at VDS = 28 Volts




Similar Part No. - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
M/A-COM Technology Solu...
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
logo
Advanced Semiconductor
MRF160 ASI-MRF160 Datasheet
167Kb / 1P
POWE FIELD EFFECT TRANSISTOR
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results


Similar Description - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF134 MA-COM-MRF134_17 Datasheet
991Kb / 13P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160_17 Datasheet
876Kb / 12P
The RF MOSFET Line: Broadband Power FET
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com