Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF158 Datasheet (PDF) - Motorola, Inc

MRF158 Datasheet PDF - Motorola, Inc
Part # MRF158
Download  MRF158 Download
File Size   93.95 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS BROADBAND RF POWER FET

MRF158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF158 Datasheet PDF - Motorola, Inc

Part # MRF158
Download  MRF158 Click to download

File Size   93.95 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS BROADBAND RF POWER FET

MRF158 Datasheet (HTML) - Motorola, Inc


MRF158 Product details

The RF TMOS® Line
Power Field Effect Transistor
N–Channel Enhancement Mode

Designed for wideband large–signal amplifier and oscillator applications to
500 MHz.
• Guaranteed 28 Volt, 400 MHz Performance
    Output Power = 2.0 Watts
    Minimum Gain = 16 dB
    Efficiency = 55% (Typical)
• Grounded Source Package for High Gain and Excellent Heat Dissipation (MRF158R)
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR
• Excellent Thermal Stability, Ideally Suited for Class A Operation
• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF158

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS짰 2W, 500MHz, 28V
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
The Broadband RF TMOS짰
More results


Similar Description - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF166W MOTOROLA-MRF166W Datasheet
134Kb / 6P
TMOS BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF166W MACOM-MRF166W Datasheet
206Kb / 10P
TMOS BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com