Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF166W Datasheet (PDF) - Motorola, Inc

MRF166W Datasheet PDF - Motorola, Inc
Part # MRF166W
Download  MRF166W Download
File Size   134.51 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS BROADBAND RF POWER FET

MRF166W Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF166W Datasheet PDF - Motorola, Inc

Part # MRF166W
Download  MRF166W Click to download

File Size   134.51 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS BROADBAND RF POWER FET

MRF166W Datasheet (HTML) - Motorola, Inc


MRF166W Product details

40 W, 500 MHz TMOS BROADBAND RF POWER FET



Designed primarily for wideband large–signal output and driver stages to 500 MHz.



• Push–Pull Configuration Reduces Even Numbered Harmonics

• Typical Performance at 400 MHz, 28 Vdc

   Output Power = 40 Watts

   Gain = 13 dB

   Efficiency = 50%

• Typical Performance at 175 MHz, 28 Vdc

   Output Power = 40 Watts

   Gain = 17 dB

   Efficiency = 60%

• Excellent Thermal Stability, Ideally Suited for Class A Operation

• Facilitates Manual Gain Control, ALC and Modulation Techniques

• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR

• Low Crss— 4.5 pF @ VDS= 28 Volts

• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF166W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF166W MACOM-MRF166W Datasheet
206Kb / 10P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166W MA-COM-MRF166W_15 Datasheet
567Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF166W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF166W MACOM-MRF166W Datasheet
206Kb / 10P
TMOS BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com