Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF158 Datasheet (PDF) - Tyco Electronics

MRF158 Datasheet PDF - Tyco Electronics
Part # MRF158
Download  MRF158 Download
File Size   493.99 Kbytes
Page   16 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TMOS BROADBAND RF POWER FET

MRF158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF158 Datasheet PDF - Tyco Electronics

Part # MRF158
Download  MRF158 Click to download

File Size   493.99 Kbytes
Page   16 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TMOS BROADBAND RF POWER FET

MRF158 Datasheet (HTML) - Tyco Electronics


MRF158 Product details

The RF TMOS® Line
Power Field Effect Transistor
N–Channel Enhancement Mode

Designed for wideband large–signal amplifier and oscillator applications to 500 MHz.

• Guaranteed 28 Volt, 500 MHz Performance
    Output Power = 2.0 Watts
    Minimum Gain = 16 dB (Min)
    Efficiency = 55% (Typ)
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR
• Excellent Thermal Stability, Ideally Suited for Class A Operation




Similar Part No. - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS짰 2W, 500MHz, 28V
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
The Broadband RF TMOS짰
More results


Similar Description - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF166W MOTOROLA-MRF166W Datasheet
134Kb / 6P
TMOS BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF166W MACOM-MRF166W Datasheet
206Kb / 10P
TMOS BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com