Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF158 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF158 Datasheet HTML 1Page - Tyco Electronics MRF158 Datasheet HTML 2Page - Tyco Electronics MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 1.0 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0)
IDSS
—
—
0.5
mAdc
Gate–Source Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (ID = 10 mA, VDS = 10 V)
VGS(th)
2.0
4.0
5.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 100 mA)
gfs
80
110
—
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
3.0
—
pF
Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
4.0
—
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
0.45
—
pF
FUNCTIONAL CHARACTERISTICS (Figure 1)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 2.0 W, f = 500 MHz, IDQ = 25 mA)
Gps
16
18
—
dB
Drain Efficiency (Figure 1)
(VDD = 28 Vdc, Pout = 2.0 W, f = 500 MHz, IDQ = 25 mA)
η
50
55
—
%
Electrical Ruggedness (Figure 1)
(VDD = 28 Vdc, Pout = 2.0 W, f = 500 MHz, IDQ = 25 mA,
VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
Series Equivalent Input Impedance
(VDD = 28 V, Pout = 2.0 W, f = 500 MHz, IDQ = 25 mA)
Zin
—
5.9 – j19.4
—
Ohms
Series Equivalent Output Impedance
(VDD = 28 V, Pout = 2.0 W, f = 500 MHz, IDQ = 25 mA)
Zout
—
14.5 – j29
—
Ohms
2
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com