Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF158 Datasheet(PDF) 13 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics MRF158 Datasheet HTML 12Page - Tyco Electronics MRF158 Datasheet HTML 13Page - Tyco Electronics MRF158 Datasheet HTML 14Page - Tyco Electronics MRF158 Datasheet HTML 15Page - Tyco Electronics MRF158 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
423
0.783
–94
4.66
101
0.077
24
0.730
–66
428
0.784
–95
4.64
101
0.079
23
0.728
–67
433
0.779
–95
4.60
100
0.078
23
0.727
–67
438
0.779
–96
4.55
99
0.078
22
0.727
–68
443
0.775
–97
4.52
99
0.077
21
0.725
–68
448
0.778
–98
4.51
98
0.078
21
0.725
–69
453
0.776
–98
4.46
98
0.078
21
0.719
–69
458
0.771
–99
4.43
97
0.078
21
0.720
–70
463
0.771
–99
4.39
96
0.079
20
0.723
–70
468
0.769
–100
4.36
95
0.079
19
0.716
–71
473
0.767
–100
4.31
95
0.079
18
0.716
–71
478
0.765
–101
4.28
95
0.078
20
0.716
–72
483
0.764
–101
4.24
94
0.079
19
0.710
–72
488
0.763
–102
4.22
94
0.079
19
0.711
–72
493
0.762
–103
4.18
93
0.079
18
0.709
–73
498
0.760
–103
4.15
93
0.080
17
0.706
–73
503
0.760
–104
4.12
92
0.079
16
0.705
–74
507
0.758
–104
4.10
91
0.079
17
0.701
–74
512
0.758
–105
4.08
91
0.079
16
0.700
–74
517
0.751
–105
4.03
90
0.078
16
0.700
–75
522
0.750
–106
4.00
90
0.080
15
0.700
–75
527
0.753
–106
4.00
89
0.079
16
0.698
–76
532
0.750
–107
3.96
89
0.079
14
0.699
–76
537
0.749
–107
3.94
88
0.079
15
0.696
–76
542
0.748
–108
3.90
87
0.080
13
0.696
–77
547
0.749
–109
3.88
87
0.080
13
0.697
–77
552
0.750
–109
3.85
87
0.079
14
0.693
–78
557
0.747
–110
3.82
86
0.078
13
0.697
–78
562
0.743
–110
3.78
86
0.079
12
0.695
–79
567
0.744
–111
3.75
85
0.079
12
0.689
–79
572
0.742
–111
3.73
85
0.078
11
0.690
–79
577
0.743
–112
3.70
84
0.080
12
0.689
–80
582
0.743
–112
3.67
84
0.080
11
0.691
–80
587
0.742
–112
3.64
83
0.078
11
0.688
–80
592
0.740
–113
3.62
83
0.080
10
0.685
–81
597
0.741
–113
3.61
82
0.078
10
0.682
–81
602
0.739
–114
3.59
82
0.078
10
0.685
–82
607
0.736
–114
3.56
82
0.079
9
0.682
–82
612
0.737
–115
3.53
81
0.077
9
0.684
–82
617
0.735
–115
3.52
81
0.078
10
0.682
–82
622
0.736
–115
3.50
80
0.078
9
0.680
–83
627
0.732
–116
3.47
80
0.078
8
0.681
–83
13
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com