Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF171A Datasheet (PDF) - Tyco Electronics

MRF171A Datasheet PDF - Tyco Electronics
Part # MRF171A
Download  MRF171A Download
File Size   225.1 Kbytes
Page   12 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MOSFET BROADBAND RF POWER FET

MRF171A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF171A Datasheet PDF - Tyco Electronics

Part # MRF171A
Download  MRF171A Click to download

File Size   225.1 Kbytes
Page   12 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MOSFET BROADBAND RF POWER FET

MRF171A Datasheet (HTML) - Tyco Electronics


MRF171A Product details

Designed primarily for wideband large–signal output and driver stages from 30–200 MHz.

N–Channel enhancement mode MOSFET

• Guaranteed performance at 150 MHz, 28 Vdc
   Output power = 45 W
   Power gain = 17 dB (min)
   Efficiency = 60% (min)
• Excellent thermal stability, ideally suited for Class A operation
• Facilitates manual gain control, ALC and modulation techniques
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Low Crss – 8 pF @ VDS = 28 V
• Gold top metal

Typical data for power amplifier applications in industrial, commercial and amateur radio equipment
• Typical performance at 30 MHz, 28 Vdc
   Output power = 30 W (PEP)
   Power gain = 20 dB (typ.)
   Efficiency = 50% (typ.)
   IMD(d3) (30 W PEP) –32 dB (typ.)




Similar Part No. - MRF171A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A_15 Datasheet
472Kb / 14P
The RF MOSFET Line
MRF171A MA-COM-MRF171A_17 Datasheet
1Mb / 15P
The RF MOSFET Line
More results


Similar Description - MRF171A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF134 MA-COM-MRF134_17 Datasheet
991Kb / 13P
The RF MOSFET Line: Broadband RF Power FET
MRF160 MA-COM-MRF160_17 Datasheet
876Kb / 12P
The RF MOSFET Line: Broadband Power FET
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com