Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF171A Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF171A Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF171A
Download  MRF171A Download
File Size   472.26 Kbytes
Page   14 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 45W, 150MHz, 28V

MRF171A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF171A Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF171A
Download  MRF171A Click to download

File Size   472.26 Kbytes
Page   14 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 45W, 150MHz, 28V

MRF171A Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF171A Product details

Designed primarily for wideband large–signal output and driver stages from 30–200 MHz.



N–Channel enhancement mode MOSFET



• Guaranteed performance at 150 MHz, 28 Vdc

   Output power = 45 W

   Power gain = 17 dB (min)

   Efficiency = 60% (min)

• Excellent thermal stability, ideally suited for Class A operation

• Facilitates manual gain control, ALC and modulation techniques

• 100% tested for load mismatch at all phase angles with 30:1 VSWR

• Low Crss – 8 pF @ VDS = 28 V

• Gold top metal



Typical data for power amplifier applications in industrial, commercial and amateur radio equipment

• Typical performance at 30 MHz, 28 Vdc

   Output power = 30 W (PEP)

   Power gain = 20 dB (typ.)

   Efficiency = 50% (typ.)

   IMD(d3) (30 W PEP) –32 dB (typ.)




Similar Part No. - MRF171A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A_15 Datasheet
472Kb / 14P
The RF MOSFET Line
MRF171A MA-COM-MRF171A_17 Datasheet
1Mb / 15P
The RF MOSFET Line
More results


Similar Description - MRF171A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF140 MA-COM-MRF140 Datasheet
331Kb / 10P
The RF MOSFET Line 150W, to 150MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
The RF MOSFET Line 80W, 175MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com