Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF158 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF158 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF158
Download  MRF158 Download
File Size   880.74 Kbytes
Page   18 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The Broadband RF TMOS짰 2W, 500MHz, 28V

MRF158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF158 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF158
Download  MRF158 Click to download

File Size   880.74 Kbytes
Page   18 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The Broadband RF TMOS짰 2W, 500MHz, 28V

MRF158 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF158 Product details

Designed for wideband large signal amplifier and oscillator applications to 500MHz
N–Channel enhancement mode

• Guaranteed 28 volt, 500 MHz performance
    Output power = 2.0 watts
    Minimum gain = 16 dB (Min.)
    Efficiency = 55% (Typ.)
• Facilitates manual gain control, ALC and modulation techniques
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Excellent thermal stability ideally suited for Class A operation




Similar Part No. - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
The Broadband RF TMOS짰
More results


Similar Description - MRF158

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS? 2W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
The Broadband RF TMOS짰
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com