Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF137 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF137 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF137
Download  MRF137 Download
File Size   437.55 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 30W, to 400MHz, 28V

MRF137 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF137 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF137
Download  MRF137 Click to download

File Size   437.55 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 30W, to 400MHz, 28V

MRF137 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF137 Product details

Designed for wideband large signal output and drive stages up to 400 MHz range.

N–Channel enhancement mode

• Guaranteed 28 V, 150 MHz performance
    Output power = 30 W
    Minimum gain = 13 dB
    Efficiency — 60% (Typical)
• Small– and large–signal characterization
• Typical performance at 400 MHz, 28 Vdc, 30 W output = 7.7 dB gain
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Low noise figure — 1.5 dB (typ.) at 1.0 A, 150 MHz
• Excellent thermal stability, ideally suited for Class A operation
• Facilitates manual gain control, ALC and modulation techniques




Similar Part No. - MRF137

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Advanced Semiconductor
MRF137 ASI-MRF137 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
logo
NXP Semiconductors
MRF13750H NXP-MRF13750H Datasheet
505Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
More results


Similar Description - MRF137

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com