Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136Y Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF136Y Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF136Y
Download  MRF136Y Download
File Size   412.47 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 30W, to 400MHz, 28V

MRF136Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF136Y Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF136Y
Download  MRF136Y Click to download

File Size   412.47 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 30W, to 400MHz, 28V

MRF136Y Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF136Y Product details

The RF MOSFET Line 30W, to 400MHz, 28V

Designed for wideband large signal amplifier and oscillator applications Up to 400 MHz range, in either single-ended or push-pull configuration.

N–Channel enhancement mode

• Guaranteed 28 volt, 150 MHz performance
   Output power = 30 Watts
   Broadband gain = 14 dB (Typ.)
   Efficiency = 54% (Typ.)
• Small– and large–signal characterization
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Space saving package for push–pull circuit applications
• Excellent thermal stability, ideally suited for Class A operation
• Facilitates manual gain control, ALC and modulation techniques




Similar Part No. - MRF136Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136Y NJSEMI-MRF136Y Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y_15 Datasheet
412Kb / 10P
The RF MOSFET Line
MRF136Y MA-COM-MRF136Y_17 Datasheet
903Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF136Y

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com